PART |
Description |
Maker |
HYB314100BJL-70 HYB314100BJL-60 HYB314100BJ-50 HYB |
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20 4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4米1位动态随机存储器的低功米1位动态随机存储器 4M X 1 FAST PAGE DRAM, 70 ns, PDSO20 0.300 INCH, PLASTIC, SOJ-26/20 4M x 1-Bit Dynamic RAM(Fast Page Mode)(4M x 1动RAM(快速页面模)
|
http:// Infineon Technologies AG SIEMENS AG
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
HYB5118160BSJ-50- HYB3118160BSJ-50 HYB3118160BSJ-6 |
1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷 1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模)
|
Siemens Semiconductor Group SIEMENS AG
|
HYB514400BJL-70 HYB514400BJL-60 HYB514400BJL-50 HY |
1 048 576 x 4-Bit Dynamic RAM 4 194 304 x 1-Bit Dynamic RAM
|
Infineon
|
HYM72V8010GS-60 HYM72V8010GS-50 HYM72V8000GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8米72位动态随机存储器模块 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 8M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
IC41C82002S IC41LV82002S IC41LV82002S-60T IC41C820 |
2Mx8 bit Dynamic RAM with EDO Page Mode DYNAMIC RAM, EDO DRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
IC41C8512 IC41LV8512 IC41LV8512-60TI IC41C8512-35K |
DYNAMIC RAM, EDO DRAM 512K x 8 bit Dynamic RAM with EDO Page Mode
|
ICSI[Integrated Circuit Solution Inc]
|
HYB314405BJL-70 HYB314405BJL-60 HYB314405BJL-50 HY |
1M x 4 Bit EDO DRAM 3.3 V 50 ns 1M x 4 Bit EDO DRAM 3.3 V 60 ns -1M x 4-Bit Dynamic RAM 1M x 4 Bit EDO DRAM 3.3 V 70 ns 1M x 4-Bit Dynamic RAM (Hyper Page Mode (EDO) version) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
Q67100-Q2077 Q67100-Q2078 HM72V400 HYM72V4000GS-50 |
4M x 72 Bit ECC DRAM Module From old datasheet system 4M x 72-Bit Dynamic RAM Module 4M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168 4M x 72-Bit Dynamic RAM Module 4M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 4M x 72-Bit Dynamic RAM Module 4米72位动态随机存储器模块
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
HYB5116400BJ-50-60 Q67100-Q1087 HYB3116400BJ HYB31 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 4米4位动态随机存储器2k 4M×4-Bit Dynamic RAM(4M×4动RAM) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
http:// SIEMENS AG
|
HM514100DLS-6 HM514100DLS-7 HM514100DLS-8 |
4,194,304-word x 1-bit dynamic RAM, 60ns 4,194,304-word x 1-bit dynamic RAM, 70ns 4,194,304-word x 1-bit dynamic RAM, 80ns
|
Hitachi Semiconductor
|